Part Number Hot Search : 
BM29F 21200 K3555 40MHZ YSS915 UF106 BT2540 A3122ELT
Product Description
Full Text Search
 

To Download LM3842A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CURRENT MODE PWM CONTROLLER
FEATURES
Automatic feed forward compensation Optimized for offline converter Double pulse suppression Current mode operation to 500 KHz High gain totem pole output Internally trimmed bandgap reference
Compen sation Voltage Feedback Current Sense RT/CT
LM3842A/3A/4A/5A
8 SOP/ 8 DIP PIN Configulation 1 2 3 4 8 7 6 5
VREF Vcc OUTPUT GND
Undervoltage lockout with hysteresis Low start up current : 0.3 mA ORDERING INFORMATION
Device Package 8 SOP 8 DIP
DESCRIPTION
LM3842A/3A/4A/5A D LM3842A/3A/4A/5A N
The LM3842A is fixed frequency current-mode PWM controller. It is specially designed for Off-Line and DC-to-DC converter applications with minimal external components. This integrated circuit features a trimmed oscillator for precise duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totempole output ideally suited for driving a power MOSFET. Protection circuitry includes built in under-voltage lockout and current limiting.
SIMPLIFIED BLOCK DIAGRAM
VREF
5V Reference VREF Undervoltage Lockout Oscillator + Vcc Undervoltage Lockout
R R
RT/CT VFB COMP
Vcc
Latching PWM
Output Ground Current
Sense Input
Error Amplifie r
ABSOLUTE MAXIMUM RATINGS (TA= 25)
Characteristic Power Supply Voltage Output Current Analog Inputes Voltage Error Amp Output Sink Current Power Dissipation Storage Temperature Range Lead Temperature (soldering 5 sec) Symbol Vcc I VIN ISINK PD Tstg T Value 30 1 -0.3 to 5.5V 10 1 -65 to 150 260 Unit V A V mA W
HTC
1
CURRENT MODE PWM CONTROLLER
ELECTRICAL CHARACTERISTIC
LM3842A/3A/4A/5A
(Vcc=15V(Note 1), RT = 10k, CT=3.3nF 0 TA 70 ; unless otherwise specified) Characteristic REFERENCE SECTION Reference Output Voltage Line Regulation Load Regulation Output Short Circuit Current OSCILLATOR SECTION Normal Frequency Voltage Stability Amplitude ERROR AMPLIFIER SECTION Input B Current Feedback Input Voltage Open Loop Voltage Gain Power Supplier Rejection Ratio Output Sink Current Output source Current Output Voltage High Output Voltage Low CURRENT SENSE SECTION Input Voltage Gain Maximum Input Signal Power Supply Rejection Ratio Input Bias Current OUTPUT SECTION Output Voltage Low Output Voltage High Rise Time Fail Time UNDERVOLTAGE LOCKOUT SECTION Start-up Threshold Minimum Operating Voltage (After Turn-On ) TOTAL STANDBY CURRENT Start-up Current Operating Supply Current Zener Voltage Symbol VREF Vo Vo Isc FOSC Sv Vosc IIB VFB AVOL PSRREA ISI ISO VOH VOL Av VMAX PSRRSC IIB VOL VOH T T Vth VCC(MIN) Ist ICC V Test Condition Tj = 25, IO=1 mA 12V Vcc 25V 1mA Io 20mA TA = 25 Tj = 25 12V Vcc 25V Min 4.90 Typ 5.00 2 3 -85 52 0.2 1.6 -0.1 2.50 90
70
Max 5.10 20 2.5 -180 57 1
Unit V mV mV mA kHz % Vp-p A V dB dB mA mA V V V/V V dB A V V V V nS nS V V V V mA mA V
47
Vo=2.5V 2.42 2V Vo 4V 65 60 12V Vcc 25V VFB=2.7V, Vo - 1.1V 2 V = 2.3V, Vo=5V -0.5 VFB=2.7V, RL=15k to GND 5 VFB=2.7V, RL=15k to VRGR (Note 2 & 3) Vo=5V (Note 2) 12V Vcc 25V 2.85 0.9
-2 2.58
7 -1.0 6 0.8 3 1 70 -2 0.1 1.5 13.5 13.0 45 35 16 8.4 10 7.6 0.17 13 38
1.1 3.15 1.1 -1.0 0.4 2.2
Isink = 20mA Isink = 20mA Isource = 20mA Isource = 20mA Tj = 25, CL=1nF Tj = 25, CL=1nF 3842A 3843A 3842A 3843A / / / / 3844A 3845A 3844A 3845A
13 12
150 150 17.5 9 11.5 8.2 0.3 17
14.5 7.8 8.5 7.0
Vcc=14V Icc = 25mA 30
Note: 1. Adjust Vcc above the start threshould before setting at 15V. 2. Parameter measured at trip point of latch with VFB - 0. 3. Comparator Gain defined as: A V
= V Output Compensation(pin FB) ;
V Current Sanseinput(pin CS)
HTC
2
CURRENT MODE PWM CONTROLLER
Fig.1 Open Loop Test Circuit
LM3842A/3A/4A/5A
VREF RT 4.7K 2N 2222 A V1
1 E/A ADJUST 1K 100K 2 ISENSE ADJUST 4.7K CT 5K 3
COMP
VREF
8 0.1
VFB
VC 7
1K/1W 0.1 OUTPUT
LM3842A
ISENSE RT/C T OUTPUT 6 5
4
GND
High peak currents associated with capacitive loads necessitate careful grounding techniques Timing and bypass capacitors should be connected close to pin 5 in a single point ground. The transistor and 5K potentiometer are used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Fig.2 Under Voltage Lockout
7 ON/OFF COMMAND TO REST OF IC ICC
LM3842A VON VOFF 16V 10V
LM3843A/5A 8.4V 7.6V
< 15mA < 1mA VOFF VON
VCC
During Under-Voltage Lock-Out, the output driver is biased to a high impedance state. Pin 6 should be shunted to ground with a bleeder resistor to prevent activating the power switch with output leakage current.
Fig.3 Error Amp Configuration
2.5V
0.5mA
+ VFB
Zi Zf
COMP
2 1
-
Error amp can source or sink up to 0.5mA
HTC
3
CURRENT MODE PWM CONTROLLER
Fig.4 Current Sense Circuit
ERROR AMP IS 2R
LM3842A/3A/4A/5A
1
R
COMP CURRENT SENSE
R
1V
CURRENT SENSE COMPARATOR
3
C RS GND
5
Peak current (IS) is determined by the formula: IS(MAX) ~
1.0V RS
A small RC filter may be required to suppress switch transients. Fig.5 Oscillator Waveforms and Maximum Duty Cycle
VREF 8 RT RT/CT INTERNAL CLOCK 4 CT GND 5 INTERNAL CLOCK LARGE RT SMALL CT V4 LARGE RT SMALL CT V4
Oscillator timing capacitor, CT, is charged by VREF through RT, and discharged by an internal current source. During the discharge time, the internal clock signal blanks the output to the low state. Selection of RT and CT therefore determines both oscillator frequency and maximum duty cycle. Charge and discharge times are determined by the formulas: tc ~ 0.55 RT CT ~ td ~ RT CT n( 0.0063 RT - 2.7 ) 0.0063 RT - 4
-1
Frequency, then, is: f = (tc + td) For RT>5K, f~ 1.8 RT CT
HTC
4
CURRENT MODE PWM CONTROLLER
Fig.6 Shutdown Techniques
1K
LM3842A/3A/4A/5A
8
VREF
1
COMP
330 500
3
ISENSE SHUTDOWN
SHUTDOWN TO CURRENT SENSE-RESISTOR
Shutdown of the LM3842A can be accomplished by two methods; either raise pin 3 above 1V or pull pin 1 below a voltage two diode drops above ground. Either method causes the output of the PWM comparator to be high (refer to block diagram). The PWM latch is reset dominant so that the output will remain low until the next clock cycle after the shoutdown condition at pins 1 and/or 3 is removed. In one example, an externally latched shutdown may be accomplished by adding an SCR which will be reset by cycling VCC below the lower UVLO threshold. At this point the reference turns off, allowing the SCR to reset. Fig.7 Slope Compensation
VREF
8 0.1F RT
LM3842A
RT/CT
4 CT R1 ISENSE R2
ISENSE
3 RSENCE
C
A fraction of the oscillator ramp can be resistively summed with the current sense signal to provide slope compensation for converters requiring duty cycles over 50%. Note that capacitor, C, forms a filter with R2 to suppress the leading edge switch spikes.
HTC
5
CURRENT MODE PWM CONTROLLER
Fig.1 Output Dead Time
80 RT, Timing Resister (k 50 CT=10nF CT=5.0nF 20 8.0 5.0 2.0 0.8 10k 20k 50k100k 200k 500k 1.0M 3 100 1k CT=2.0nF CT=1.0nF CT=500pF CT=200pF CT=100pF 30 100
LM3842A/3A/4A/5A
Fig.2 Timing Resistor vs Frequency
CT=100nF CT=47nF
RT(k)
CT=22nF CT=10nF 10 CT=4.7nF CT=2.2nF CT=10nF
fosc, Frequency (kHz)
10k
100k
1M
fosc, Frequency(Hz)
Fig.3 Output Saturation Characteristics
Fig.4 Error Amplifier Open Loop
Gain and Phase Frequency
VSAT, Output Saturation Voltage (V
4 VCC=15V TA=25 3
AVOL, Open-Loop Voltage Gain (d
80 Gain 60
0 , Excess Phase Degree
-45
2
40
Phase
-90
1
SOURCE (VC-VOH) C
20
-135
SINK (V ) OL
0
-180
0
10-3
2
4
6 8 10-1
2
4
68 10 100 1K 10K 100K 1M 10M
Io, Output Load Current (A)
Fosc, Frequency (Hz)
PIN FUNCTION DESCRIPTION
Pin No. 1 2 3 4 Function Description Compensation This pin is the Error Amplifier output and is made available for loop compensation. Voltage This is the inverting input of the Error Amplitier. It is normally connected Feedback to the switching power supply output through a resister divider. Current Sense A voltage proportional to inductor current is connected to this input. The PWM uses this information to terminate the output switch conduction. RT/CT The Oscillator frequency and maximum Output duty cycle are programmed by connecting resistor RT to VREF and capacitor CT to ground. Operation to 500kHz is possible. GND This pin is the combined control circuitry and power ground. Output This output directly drives the gate of a power MOSFET. Peak currents up to 1.0A are sourced and sunk by this pin. Vcc This pin is the positive supply of the control IC. VREF This is the reference output. It provides charging current for capacitor CT through resistor RT.
5 6 7 8
HTC
6


▲Up To Search▲   

 
Price & Availability of LM3842A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X